PART |
Description |
Maker |
10342 10240 10200 10202 10203 10204 10206 10190 10 |
Micastat Dissipative Laminate Micastat Dissipative Laminate
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
ULN2804 ULN2804A ULN2801 ULN2801A ULN2802A ULN2803 |
EIGHT DARLINGTON ARRAYS TOOLS,TWEEZERS,TWEEZERS,PLASTIC STATIC DISSIPATIVE TWEEZER, P7-STD, 4-1/2 INCH,HAND TOOLS,PLASTIC STATIC DISSIPATIVE TWEEZERS ,SPC TECHNOLOGY 八达林顿阵列
|
ST Microelectronics STMicroelectronics N.V.
|
49100 49101 49103 49102 49104 49105 49106 49107 49 |
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
|
List of Unclassifed Manufacturers
|
66070 66075 66909 66100 |
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
16270 |
STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
|
List of Unclassifed Manufacturers
|
GILLFAB1367M GILLFAB1076A GILLFAB1366 GILLFAB1367A |
a light weight, high impact resistant, low smoke and toxicity, fiberglass reinforced phenolic laminate
|
List of Unclassifed Manufacturers ETC[ETC]
|
8811 |
Dissipative table mats include two 3M Snap Fasteners 3034 (installed) and one 3M Wrist Strap Grounding System 3048.
|
3M Electronics
|
44521 |
Professional Quality ESD Tweezers ESD SAFE ?STATIC DISSIPATIVE ?HYPO ALLERGENIC COATED ?TEXTURED GRIPPING SURFACE
|
List of Unclassifed Manufacturers
|
TCL300 TCL300DA1-A TCL300DA1-ACF1 TCL300DA1-ACF2 T |
10.0 MIL HEAVY DUTY VINYL 3/4" X 36 YDS (19.05MM X 33M) 12-10 AWG NON-INSULATED BUTTED SEAM BUTT CONNECTOR LabVIEW Unit Test Framework Toolkit LabVIEW Simulation Interface Toolkit for WIndows LabVIEW Machine Vision and Image Processing Training Kit LabVIEW Wireless Sensor Network Module Pioneer, w/ 1 Yr SSP SELF-STRIP T-TAP 120C 3M431Q W/D TRI PA 9" X 11" COUPLING FC/PC SM D-MOUNT THREADED FIBRE 36 DISC, 9 1/8 IN X 7/8 IN 912J PN01867 AAD 6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery 6日和12伏,7550瓦特湿电池铅钙电 SCOTCH-GRIP INDUSTRIAL ADHESIVE, 1 GAL 6日和12伏,7550瓦特湿电池铅钙电 Dissipative 3 Layer Floor Roll, Brown, 4' x 24' 6日和12伏,7550瓦特湿电池铅钙电 Dissipative 3 Layer Floor Roll, Blue, 4' x 24' 6日和12伏,7550瓦特湿电池铅钙电 6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery 6日和12伏,75450瓦特湿电池铅钙电 Pedestal Stand for 3M Tester 6日和12伏,7550瓦特湿电池铅钙电 LabVIEW Statechart Module, Includes 1 Year Standard Service
|
ETC Electronic Theatre Controls, Inc.
|
TS80C32X2-VCED TS80C32X2-LIAD TS80C32X2-MIAD TS87C |
8-bit CMOS Microcontroller 0-60 MHz CMOS 0 to 44 MHz Single Chip 8bit Microntroller Cable; Cable Length:1m; No. of Contacts:26 Static Protection Mat; Body Material:Dissipative Vinyl Rubber; External Width:60ft; Roll Length:3ft; Thickness:0.375" 8位CMOS微控制器0-60兆赫 8-bit CMOS Microcontroller 0-60 MHz 8位CMOS微控制器0-60兆赫 LITHM/MNGNS DXD BATT 3.0V 220MAH 20MM DL 8位CMOS微控制器0-60兆赫 KITUSBSPIDGLEVME
|
http:// TEMIC Semiconductors Sanken Electric Co., Ltd. Atmel, Corp. Ecliptek, Corp. Electronic Theatre Controls, Inc.
|
39K50 39K100 39K200 39K30 39K165 CY3930V484-125MBI |
SPEAKER ALNICO 8OHM .5W 57MM SQR CAP CER .10UF 50V X7R 0805 FLEX RES 40K-OHM 5% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM UNMARKED CAP 100PF 50V 10% SLC SMD-0202 WAFFLE RF Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes PCB COPPER CLAD POS 4.5X72 SIDE TVS 14V 0.1J 32V-CV SMD-0603 SN100 TR-7-PL TVS 18V 0.1J 42V-CV SMD-0603 SN/PB TR-7-PL Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Blue; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes PCB COPPER CLAD 6 X 62 SIDE PCB COPPER CLAD POS 6 X 92 SIDE PCB COPPER CLAD 4 X 6 2 SIDE PCB COPPER CLAD 6 X 92 SIDE CUTTERS, SIDE FULL FLUSHCUTTERS, SIDE FULL FLUSH; Capacity, cutting copper wire:1mm; Length:120mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Head type:Tapered; Length, jaw:9mm WIRE STRIPPER, 0.40MMWIRE STRIPPER, 0.40MM; Stripping Capacity:0.4mm Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:No RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:30V RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:60m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular CRYSTAL, HC-49, 12MHZ; Frequency, output:12000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:HC49U-S; Series:HC49SFWB; Temperature stabilty: /-50ppm; RoHS Compliant: Yes CPLDs at FPGA Densities CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 8.5 ns, PBGA676 20 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor CPLD器件在FPGA的密 RES CURRENT SENSE .01 OHM 5W 1% CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA388 PLIERS, SNIPE NOSE SERR JAW 125MMPLIERS, SNIPE NOSE SERR JAW 125MM; Jaw type:Snipe nose; Length:125mm; Handle type:Static Dissipative; Finish:Serrated; Length, jaw:20mm CPLD器件在FPGA的密 PLIERS, SNIPE NOSE SMOOTH JAW 135MMPLIERS, SNIPE NOSE SMOOTH JAW 135MM; Jaw type:Snipe nose; Length:135mm; Handle type:ESD; Finish:Smooth; Length, jaw:22mm CPLD器件在FPGA的密 CDS EU 5 F ST 9.0 CPLD器件在FPGA的密 PLIERS, CIRCLIP ADJUSTABLEPLIERS, CIRCLIP ADJUSTABLE; Handle type:Soft grip CPLD器件在FPGA的密 CUTTERS, DIAGONAL 180MMCUTTERS, DIAGONAL 180MM; Capacity, cutting copper wire:4mm; Length:180mm; Angle, blade:15(degree); Capacity, cutting piano wire:1.8mm; Edge Finish/Profile:Diagonal; Length, blade:25mm CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 7.5 ns, PQFP208 CUTTERS, SIDE SEMI FLUSH 180MMCUTTERS, SIDE SEMI FLUSH 180MM; Capacity, cutting copper wire:4mm; Length:180mm; Angle, blade:15(degree); Capacity, cutting piano wire:2mm; Edge Finish/Profile:Semi Flush CPLD器件在FPGA的密 PCB COPPER CLAD POS 4 X 62 SIDE CPLD器件在FPGA的密 CPLDs at FPGA DensitiesTM CPLD器件在FPGA的DensitiesTM HAND TOOL KIT, 14 PC; CPLD器件在FPGA的密 CAP,CHP,TANT 3.3UF 20% 16V EIA 3528 SIZE CPLD器件在FPGA的密 INDUCTOR 22NH 5% FIXED SMD CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA484 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PQFP208
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp. NXP Semiconductors N.V.
|
|